PART |
Description |
Maker |
LM117A IP117A LM117HVK-883B LM117 IP317 IP117 IP31 |
CAP .068UF 100V METAL FILM BOX 1.25 V-60 V ADJUSTABLE POSITIVE REGULATOR, MBFM2 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR FOR HI-REL APPLICATIONS 1.5放大器阳性您好可调电压调节器- Rel应用 Voltage Regulator 电压调节 1.25 V-60 V ADJUSTABLE POSITIVE REGULATOR, PSFM3 1.5A Adjustable Positive Voltage Regulator 0.5A Adjustable Positive Voltage Regulator
|
TT electronics Semelab, Ltd. Avago Technologies, Ltd. Delta Electronics, Inc. INTERPION SEMICONDUCTOR CO., LTD. NXP Semiconductors N.V. Power Dynamics, Inc. ITT, Corp. TT electronics Semelab Limited SEME-LAB[Seme LAB] http:// SEMELAB LTD
|
ICL7663 ICL7663ACPA ICL7663ACSA ICL7663AIJA ICL766 |
High-Performance Impact<TM> PAL<R> Circuits 28-PLCC 0 to 75 Programmable Positive Voltage Regulator "Low-Power, Adjustable- Output, Positive-Voltage Linear Regulator" 5.0 AMP POSITIVE VOLTAGE REGULATOR
|
MAXIM INTEGRATED PRODUCTS INC MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
LT1117IST-2.85 LT1117IST-5 LT1117IST-3.3 LT1117-5 |
800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V,3.3V, 5V; Package: SOT; No of Pins: 3; Temperature Range: -40°C to 85°C 2.85 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PDSO4 800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V,3.3V, 5V; Package: DD PAK; No of Pins: 3; Temperature Range: 0°C to 70°C 5 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSSO3 800mA Low Dropout Positive Regulators Adjustable and Fixed 5V(800mA,低压差固定5V)正输出稳压 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
|
Linear Technology, Corp. Linear Technology Corporation
|
LM317MSTT3 LM317MBDT LM317MABDT LM317MABDTRK LM317 |
500 mA Adjustable Output,Positive Voltage Regulator 1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, PSSO2 5.0 AMP POSITIVE VOLTAGE REGULATOR 1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, PSSO2 Three-Terminal Adjustable Output Positive Voltage Regulator 500mA, Adjustable Output, Positive Voltage Regulator
|
http:// ONSEMI[ON Semiconductor]
|
OM1850STM OM1850 OM1850NKM OM1850NMM OM1850SRM |
Hi-Rel Adjustable Voltage Low Dropout 3-Terminal Positive Regulator 3 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-88646
|
International Rectifier Omnirel ETC[ETC] List of Unclassifed Manufacturers
|
LT1003 LT1003C LT1003CK LT1003M LT1003MK |
From old datasheet system 5 Volt, 5 Amp Voltage Regulator 5 Volt / 5 Amp Voltage Regulator DFK-MSTB 2,5/12-G WW(1X1) 5 V FIXED POSITIVE REGULATOR, MBFM2
|
LINER[Linear Technology] Linear Technology Corporation Linear Technology, Corp.
|
COM117T |
5.0 AMP POSITIVE VOLTAGE REGULATOR 5.0放大器正电压稳压 (COTS) COMMERCIAL OFF-THE-SHELF 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR IN TO-257 PACKAGE
|
ITT, Corp. ETC List of Unclassifed Manufacturers
|
LD1117DC-R LD1117DTC-R LD1117DT18CTR -LD1117DT25TR |
LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS 5.0 AMP POSITIVE VOLTAGE REGULATOR 5.0放大器正电压稳压
|
意法半导 STMicroelectronics N.V.
|
SHD526012 |
FIXED POSITIVE 1.5 AMP 12 VOLT REGULATOR
|
Sensitron
|
IP338 IP338A IP138 IP138A |
5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
|
SEME-LAB[Seme LAB]
|
UA78HGASM UA78HGASC UA78HGA |
POSITIVE ADJUSTABLE 5-AMP VOLTAGE REGULATOR
|
FAIRCHILD[Fairchild Semiconductor]
|